Part Number Hot Search : 
NCP3101 SL210 SDA5273S GZ16MFAE P89C738 LN1351C MC1312 UN5216
Product Description
Full Text Search
 

To Download E767630VGS102MP35C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U767D SERIES
U767D Series
Large Tubulars High 125 C Temperature Designed For Automotive 36V and 42V Systems Vibration Resistant Optional Low Profile Mounting
Engineering Bulletin Mar 07
L ARGE TUBUL ARS 125 C
U767D
The U767D series, the industry's standard 125 C aluminum electrolytic, offers a wide voltage range, long life, high capacitance and high ripple current capability. These U767D series capacitors allow the designer to reduce the size, weight and cost of high performance automotive 36V and 42V systems. These capacitors maintain a continuous 3,000 hour, 125 C load life (12,000 hours at 105 C with the 125 C rated ripple current applied) and are high vibration resistant. The U767D capacitors are available in either the standard three lead (keyed polarity) radial vertical mounting or the optional low profile three formed lead horizontal mounting style. Custom designs are available upon request. The U767D capacitors are not solvent proof. Refer to guidelines and precautions on the website for usage and installation conditions recommended for United Chemi-Con products.
Summary of Specifications
3 radial leads for vertical mount; optional 3 formed leads for horizontal mount. Capacitance range: 47 to 56,000F. Voltage range: 6.3 to 250VDC. Category temperature range: 55 C to 125 C. Leakage current in A: I = K CV : K = 0.5 at 25 C, 4.0 at 125 C after 5 minutes. Standard capacitance tolerance: 20% Nominal case size (D L): 19 29mm to 25 92mm. Rated lifetime: 3,000 hours at 125 C with rated ripple current applied and 12,000 hours at 105 C with 125 C rated ripple current applied.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/8
U767D Series
U767D Specifications - Large Tubulars
Item Category Temperature Range Rated Voltage Range Capacitance Range Capacitance Tolerance Vibration Rating Leakage Current 55 to 125 C 6.3 to 250VDC 47 to 56,000 F at 20% ( M ) at 25 C, 120Hz Characteristics
Engineering Bulletin Mar 07
25 C, 120Hz
10 -1,000Hz, 20g, sinusoidal (10 - 2,000Hz, 40g, sinusoidal available upon request) I K CV : K = 0.5 at 25 C, 4.0 at 125 C after 5 minutes.
L ARGE TUBUL ARS 125 C
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V ) Rated Ripple Current Multipliers Ambient Temperature ( C )
85 C 1.00 105 C 0.80 125 C 0.40
U767D
Frequency (Hz )
300Hz 0.75 1kHz 0.82 20k -100kHz 1.00
Endurance (Load Life)
The following specifications shall be satisfied when the capacitors are restored to 25 C after subjecting them to the DC rated voltage for 3,000 hours at 125 C with the rated ripple current applied. The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of the capacitors. Capacitance change: 15% from initial measurement ESR change : 200% of initial specified limit Impedance change : 200% of initial specified limit Leakage current : initial specified limit
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 25 C after exposing them for 1,000 hours at 125 C without voltage applied. The rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. Capacitance change: 10% from initial measurement ESR change : 150% of initial specified limit Leakage current : initial specified limit
2 /8
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U767D Series
Diagram of Dimensions - Large Tubulars
VGS Vertical Mount for 3 Lead Keyed Polarity Radial (Standard )
B1 R Radius D d
Engineering Bulletin Mar 07
VTX Horizontal Mount for O0.750 (O19.0 )
PET Sleeve L Vent
Unit: inches (mm )
C C2 C1 A1
Inactive Lead For Mounting Support
C
L ARGE TUBUL ARS 125 C
B A
B
E F
120 Typ. d
VTX Horizontal Mount for O0.875 and O1.000 (O22.2 and O25.4)
PET Sleeve 0.025 (0.63) MIN.
U767D
P
L
Vent
R Radius
( Same as VGS)
0.025 MIN. (0.63) H L D
d G C PET Sleeve D Vent
Inactive Lead For Mounting Support
C E B A B F
VGS Lead Spacing in Inches
OD
VGS Lead Spacing in Millimeters
C1 0.015 0.100 0.150 0.150 C2 0.020 0.200 0.300 0.300 P 0.015 0.250 0.250 0.250 R 0.004 0.203 0.265 0.328
OD
Diameter 0.750 0.875 1.000
A1 0.015 0.300 0.400 0.400
B1 0.020 0.167 0.228 0.228
Diameter 19.0 22.2 25.4
A1 0.40 7.6 10.2 10.2
B1 0.50 4.2 5.8 5.8
C1 0.40 2.5 3.8 3.8
C2 0.50 5.1 7.6 7.6
P 0.40 6.3 6.3 6.3
R 0.10 5.2 6.7 8.3
VTX Lead Spacing in Inches
OD
VTX Lead Spacing in Millimeters
C 0.020 0.138 0.138 0.138 E 0.020 0.125 0.213 0.213 F 0.020 0.250 0.425 0.425 G 0.020 -- 0.080 0.080
OD
Diameter 0.750 0.875 1.000
A 0.040 L 0.255 L 0.255 L 0.255
B 0.020 0.100 0.100 0.100
Diameter 19.0 22.2 25.4
A 1.00 L 6.5 L 6.5 L 6.5
B 0.50 2.5 2.5 2.5
C 0.50 3.5 3.5 3.5
E 0.50 3.2 5.4 5.4
F 0.50 6.4 10.8 10.8
G 0.50 -- 2.0 2.0
VGS and VTX Dimensions in Inches
Case Size Code T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92
OD
VGS and VTX Dimensions in Millimeters
Typical Weight (ounces) 0.458 0.635 0.811 0.988 1.164 1.340 0.635 0.881 1.093 1.340 1.587 1.834 0.811 0.988 1.129 1.446 1.764 2.081 2.399 Case Size Code T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92
OD
0.040 With Sleeve
L 0.080 With Sleeve 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625
Od H 0.080 0.004 With Terminal Standoffs Diameter
1.00 With Sleeve
L 2.00 With Sleeve 29.0 35.0 41.0 54.0 67.0 79.0 29.0 35.0 41.0 54.0 67.0 79.0 29.0 35.0 41.0 54.0 67.0 79.0 92.0
Od H 2.00 0.10 With Terminal Standoffs Diameter
Typical Weight (grams) 13 18 23 28 33 38 18 25 31 38 45 52 23 28 32 41 50 59 68
0.750
1.165 1.415 1.665 2.165 2.665 3.165 1.165 1.415 1.665 2.165 2.665 3.165 1.165 1.415 1.665 2.165 2.665 3.165 3.665
0.040
19.0
30.0 36.0 42.0 55.0 68.0 80.0 30.0 36.0 42.0 55.0 68.0 80.0 30.0 36.0 42.0 55.0 68.0 80.0 93.0
1.00
0.875
0.040
22.2
1.00
1.000
0.040
25.4
1.00
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3 /8
U767D Series
Part Numbering System for U767D Series
18 Fields
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Engineering Bulletin Mar 07
When ordering, always specify complete 18-field global part number.
E 7 6 7 3 5 0 VGS 3 3 2MP 4 1 C
9
8
7
6
5
4
3
2
1
Supplement Code. Field 18. C = PET sleeve, SnPb terminal plating. Case Size. Fields 15, 16 and 17. The single letter diameter code is inserted in field 15. T = O0.750" (O19mm ) P = O0.875" (O22mm ) Q = O1.000" (O25.4mm ) The double digit length code is inserted in fields 16 and 17. 29 = 1.125" (29mm ) 35 = 1.375" (35mm ) 41 = 1.625" (41mm ) 54 = 2.125" (54mm ) 67 = 2.625" (67mm ) 79 = 3.125" (79mm ) 92 = 3.625" (92mm ) Capacitance Tolerance. Field 14. M = 20% Capacitance. Fields 11, 12 and 13. Expressed in Microfarads. The first two digits are significant figures inserted in fields 11 and 12, and the third digit inserted in field 13 indicates the number of zeros for capacitance of 10 F or more. R indicates the decimal point for capacitance less than 10 F (e.g. 3R3 = 3.3 F; 330 = 33 F; 331 = 330 F; 332 = 3,300 F; 333 = 33,000 F ). Lead Cut /Forming. Field 10. S = 3 straight leads, 0.250" (6.3mm ) in length. X = 3 formed leads, 2 radial and 3rd lead axial. Terminal Type. Fields 8 and 9. VG = 3 lead keyed polarity radial, vertical mount. VT = 3 formed lead axial, horizontal mount. DC Rated Voltage. Fields 5, 6 and 7. Expressed in Volts. The first two digits are significant figures inserted in fields 5 and 6, and the third digit inserted in field 7 indicates the number of zeros for rated voltage of 10VDC or more. R indicates the decimal point for rated voltage less than 10VDC (e.g. 3R5 = 3.5VDC; 350 = 35VDC; 351 = 350VDC). Series Name. Fields 2, 3 and 4. Enter the 3-letter/digit series name in fields 2, 3 and 4. If the series name is only 2 letters/digits, place a dash in field 4. For a series name with more than 3 letters/digits, refer to the individual series for the appropriate 3-field series name. Capacitor Type. Field 1. Aluminum Electrolytic Capacitor (Polar).
L ARGE TUBUL ARS 125 C
U767D
4 /8
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U767D Series
Standard Voltage Ratings - Large Tubulars
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Maximum Nominal Case ESR Case Size* Size ( m ) at 25 C D L (inches) Code 20k-100kHz
0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 32.0 27.5 23.0 16.0 13.0 10.0 25.0 20.0 15.0 11.0 8.5 7.5 17.0 14.0 11.0 8.5 7.0 6.0 5.0 32.0 27.5 23.0 16.0 13.0 10.0 25.0 20.0 15.0 11.0 8.5 7.5 17.0 14.0 11.0 8.5 7.0 6.0 5.0 32.0 27.5 23.0 16.0 13.0 10.0 25.0 20.0 15.0 11.0 8.5 7.5 17.0 14.0 11.0 8.5 7.0 6.0 5.0
Engineering Bulletin Mar 07
Rated Maximum Ripple Current Impedance (A rms) at ( m ) at 25 C, 100kHz 85 C, 20kHz
39.0 32.5 26.0 19.0 16.0 13.0 27.0 22.0 17.0 12.0 10.0 9.0 21.0 17.5 14.0 11.0 9.0 8.0 8.0 39.0 32.5 26.0 19.0 16.0 13.0 27.0 22.0 17.0 12.0 10.0 9.0 21.0 17.5 14.0 11.0 9.0 8.0 8.0 39.0 32.5 26.0 19.0 16.0 13.0 27.0 22.0 17.0 12.0 10.0 9.0 21.0 17.5 14.0 11.0 9.0 8.0 8.0 7.0 8.5 10.0 12.0 15.0 18.0 10.5 12.0 13.5 16.5 20.0 23.0 13.5 15.0 16.5 20.0 23.0 27.0 32.0 7.0 8.5 10.0 12.0 15.0 18.0 10.5 12.0 13.5 16.5 20.0 23.0 13.5 15.0 16.5 20.0 23.0 27.0 32.0 7.0 8.5 10.0 12.0 15.0 18.0 10.5 12.0 13.5 16.5 20.0 23.0 13.5 15.0 16.5 20.0 23.0 27.0 32.0
6.3 Volts
8 Volts Surge
3,900 6,800 10,000 15,000 18,000 22,000 5,600 10,000 12,000 18,000 27,000 33,000 8,200 15,000 18,000 27,000 39,000 47,000 56,000 3,300 5,600 6,800 10,000 15,000 18,000 4,700 6,800 10,000 15,000 18,000 27,000 6,800 10,000 15,000 22,000 27,000 39,000 47,000 2,200 3,900 5,600 8,200 10,000 15,000 3,300 5,600 8,200 12,000 15,000 18,000 5,600 8,200 12,000 18,000 22,000 27,000 33,000
E7676R3VGS392MT29C E7676R3VGS682MT35C E7676R3VGS103MT41C E7676R3VGS153MT54C E7676R3VGS183MT67C E7676R3VGS223MT79C E7676R3VGS562MP29C E7676R3VGS103MP35C E7676R3VGS123MP41C E7676R3VGS183MP54C E7676R3VGS273MP67C E7676R3VGS333MP79C E7676R3VGS822MQ29C E7676R3VGS153MQ35C E7676R3VGS183MQ41C E7676R3VGS273MQ54C E7676R3VGS393MQ67C E7676R3VGS473MQ79C E7676R3VGS563MQ92C E767100VGS332MT29C E767100VGS562MT35C E767100VGS682MT41C E767100VGS103MT54C E767100VGS153MT67C E767100VGS183MT79C E767100VGS472MP29C E767100VGS682MP35C E767100VGS103MP41C E767100VGS153MP54C E767100VGS183MP67C E767100VGS273MP79C E767100VGS681MQ29C E767100VGS103MQ35C E767100VGS153MQ41C E767100VGS223MQ54C E767100VGS273MQ67C E767100VGS393MQ79C E767100VGS473MQ92C E767160VGS222MT29C E767160VGS392MT35C E767160VGS562MT41C E767160VGS822MT54C E767160VGS103MT67C E767160VGS153MT79C E767160VGS332MP29C E767160VGS562MP35C E767160VGS822MP41C E767160VGS123MP54C E767160VGS153MP67C E767160VGS183MP79C E767160VGS562MQ29C E767160VGS822MQ35C E767160VGS123MQ41C E767160VGS183MQ54C E767160VGS223MQ67C E767160VGS273MQ79C E767160VGS333MQ92C
L ARGE TUBUL ARS 125 C
U767D
10 Volts
13 Volts Surge
16 Volts
20 Volts Surge
For terminal and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5 /8
U767D Series
Standard Voltage Ratings - Large Tubulars
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Maximum Nominal Case ESR Case Size* Size ( m ) at 25 C D L (inches) Code 20k-100kHz
0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 32.0 27.5 23.0 16.0 13.0 10.0 25.0 20.0 15.0 11.0 8.5 7.5 17.0 14.0 11.0 8.5 7.0 6.0 5.0 32.0 27.5 23.0 16.0 13.0 10.0 25.0 20.0 15.0 11.0 8.5 7.5 17.0 14.0 11.0 8.5 7.0 6.0 5.0 94.5 78.8 63.1 46.7 29.0 22.4 62.1 47.5 32.8 25.2 18.3 14.1 47.8 37.0 26.0 20.2 16.1 12.6 10.6
Engineering Bulletin Mar 07
Rated Maximum Ripple Current Impedance (A rms) at ( m ) at 25 C, 100kHz 85 C, 20kHz
39.0 32.5 26.0 19.0 16.0 13.0 27.0 22.0 17.0 12.0 10.0 9.0 21.0 17.5 14.0 11.0 9.0 8.0 8.0 39.0 32.5 26.0 19.0 16.0 13.0 27.0 22.0 17.0 12.0 10.0 9.0 21.0 17.5 14.0 11.0 9.0 8.0 8.0 118.1 98.5 78.9 58.4 36.3 28.0 77.6 59.4 41.0 31.5 22.9 17.6 59.8 46.3 32.5 25.3 20.1 15.8 13.3 7.0 8.5 10.0 12.0 15.0 18.0 10.5 12.0 13.5 16.5 20.0 23.0 13.5 15.0 16.5 20.0 23.0 27.0 32.0 7.0 8.5 10.0 12.0 15.0 18.0 10.5 12.0 13.5 16.5 20.0 23.0 13.5 15.0 16.5 20.0 23.0 27.0 32.0 5.6 6.4 7.4 9.7 12.5 14.5 7.2 8.7 10.7 13.2 16.3 19.6 8.5 10.2 12.6 15.4 18.2 21.0 24.6
25 Volts
32 Volts Surge
1,500 2,700 3,300 4,700 6,800 8,200 2,200 3,300 4,700 6,800 10,000 12,000 3,300 5,600 6,800 10,000 15,000 18,000 22,000 1,000 1,800 2,200 3,300 4,700 5,600 1,500 2,200 3,300 4,700 6,800 8,200 2,200 3,300 4,700 6,800 10,000 12,000 15,000 680 1,200 1,500 2,200 2,700 3,900 1,000 1,500 2,200 3,900 4,700 5,600 1,500 2,200 3,300 4,700 6,800 8,200 10,000
E767250VGS152MT29C E767250VGS272MT35C E767250VGS332MT41C E767250VGS472MT54C E767250VGS682MT67C E767250VGS822MT79C E767250VGS222MP29C E767250VGS332MP35C E767250VGS472MP41C E767250VGS682MP54C E767250VGS103MP67C E767250VGS123MP79C E767250VGS332MQ29C E767250VGS562MQ35C E767250VGS682MQ41C E767250VGS103MQ54C E767250VGS153MQ67C E767250VGS183MQ79C E767250VGS223MQ92C E767350VGS102MT29C E767350VGS182MT35C E767350VGS222MT41C E767350VGS332MT54C E767350VGS472MT67C E767350VGS562MT79C E767350VGS152MP29C E767350VGS222MP35C E767350VGS332MP41C E767350VGS472MP54C E767350VGS682MP67C E767350VGS822MP79C E767350VGS222MQ29C E767350VGS332MQ35C E767350VGS472MQ41C E767350VGS682MQ54C E767350VGS103MQ67C E767350VGS123MQ79C E767350VGS153MQ92C E767500VGS681MT29C E767500VGS122MT35C E767500VGS152MT41C E767500VGS222MT54C E767500VGS272MT67C E767500VGS392MT79C E767500VGS102MP29C E767500VGS152MP35C E767500VGS222MP41C E767500VGS392MP54C E767500VGS472MP67C E767500VGS562MP79C E767500VGS152MQ29C E767500VGS222MQ35C E767500VGS332MQ41C E767500VGS472MQ54C E767500VGS682MQ67C E767500VGS822MQ79C E767500VGS103MQ92C
L ARGE TUBUL ARS 125 C
U767D
35 Volts
44 Volts Surge
50 Volts
63 Volts Surge
For terminal and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
6 /8
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U767D Series
Standard Voltage Ratings - Large Tubulars
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Maximum Nominal Case ESR Case Size* Size ( m ) at 25 C D L (inches) Code 20k-100kHz
0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 94.5 78.8 63.1 46.7 29.0 22.4 62.1 47.5 32.8 25.2 18.3 14.1 47.8 37.0 26.0 20.2 16.1 12.6 10.6 94.5 78.8 63.1 46.7 29.0 22.4 62.1 47.5 32.8 25.2 18.3 14.1 47.8 37.0 26.0 20.2 16.1 12.6 10.6 283.9 236.8 189.6 140.3 87.1 67.3 186.6 142.7 98.6 75.7 55.0 42.4 143.6 110.9 78.1 60.7 48.4 37.9 31.9
Engineering Bulletin Mar 07
Rated Maximum Ripple Current Impedance (A rms) at ( m ) at 25 C, 100kHz 85 C, 20kHz
118.1 98.5 78.9 58.4 36.3 28.0 77.6 59.4 41.0 31.5 22.9 17.6 59.8 46.3 32.5 25.3 20.1 15.8 13.3 118.1 98.5 78.9 58.4 36.3 28.0 77.6 59.4 41.0 31.5 22.9 17.6 59.8 46.3 32.5 25.3 20.1 15.8 13.3 327.4 273.0 218.6 161.8 100.5 77.6 215.2 164.6 113.7 87.3 63.4 48.9 165.6 127.9 90.1 70.0 55.8 43.7 36.7 5.6 6.4 7.4 9.7 12.5 14.5 7.2 8.7 10.7 13.2 16.3 19.6 8.5 10.2 12.6 15.4 18.2 21.0 24.6 5.6 6.4 7.4 9.7 12.5 14.5 7.2 8.7 10.7 13.2 16.3 19.6 8.5 10.2 12.6 15.4 18.2 21.0 24.6 4.4 5.1 5.9 7.7 9.9 11.5 5.7 6.9 8.5 10.5 13.0 15.6 6.8 8.1 10.0 12.3 14.5 16.8 19.6
63 Volts
79 Volts Surge
470 820 1,000 1,500 2,200 2,700 680 1,000 1,500 2,200 2,700 3,900 1,000 1,500 2,200 3,300 4,700 5,600 6,800 330 560 680 1,000 1,500 1,800 560 680 1,000 1,500 2,200 2,700 820 1,000 1,500 2,200 3,300 3,900 4,700 220 330 470 680 1,000 1,200 330 470 680 1,000 1,200 1,800 470 680 1,000 1,500 1,800 2,200 2,700
E767630VGS471MT29C E767630VGS821MT35C E767630VGS102MT41C E767630VGS152MT54C E767630VGS222MT67C E767630VGS272MT79C E767630VGS681MP29C E767630VGS102MP35C E767630VGS152MP41C E767630VGS222MP54C E767630VGS272MP67C E767630VGS392MP79C E767630VGS102MQ29C E767630VGS152MQ35C E767630VGS222MQ41C E767630VGS332MQ54C E767630VGS472MQ67C E767630VGS562MQ79C E767630VGS682MQ92C E767800VGS331MT29C E767800VGS561MT35C E767800VGS681MT41C E767800VGS102MT54C E767800VGS152MT67C E767800VGS182MT79C E767800VGS561MP29C E767800VGS681MP35C E767800VGS102MP41C E767800VGS152MP54C E767800VGS222MP67C E767800VGS272MP79C E767800VGS821MQ29C E767800VGS102MQ35C E767800VGS152MQ41C E767800VGS222MQ54C E767800VGS332MQ67C E767800VGS392MQ79C E767800VGS472MQ92C E767101VGS221MT29C E767101VGS331MT35C E767101VGS471MT41C E767101VGS681MT54C E767101VGS102MT67C E767101VGS122MT79C E767101VGS331MP29C E767101VGS471MP35C E767101VGS681MP41C E767101VGS102MP54C E767101VGS122MP67C E767101VGS182MP79C E767101VGS471MQ29C E767101VGS681MQ35C E767101VGS102MQ41C E767101VGS152MQ54C E767101VGS182MQ67C E767101VGS222MQ79C E767101VGS272MQ92C
L ARGE TUBUL ARS 125 C
U767D
80 Volts
100 Volts Surge
100 Volts
125 Volts Surge
For terminal and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/8
U767D Series
Standard Voltage Ratings - Large Tubulars
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Maximum Nominal Case ESR Case Size* Size ( m ) at 25 C D L (inches) Code 20k-100kHz
0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 1.000 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 1.125 1.375 1.625 2.125 2.625 3.125 3.625 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 T29 T35 T41 T54 T67 T79 P29 P35 P41 P54 P67 P79 Q29 Q35 Q41 Q54 Q67 Q79 Q92 283.9 236.8 189.6 140.3 87.1 67.3 186.6 142.7 98.6 75.7 55.0 42.4 143.6 110.9 78.1 60.7 48.4 37.9 31.9 792.4 660.7 529.1 391.6 243.2 187.8 520.7 398.3 275.0 211.3 153.4 118.2 400.8 309.4 218.0 169.4 135.0 105.6 88.9 792.4 660.7 529.1 391.6 243.2 187.8 520.7 398.3 275.0 211.3 153.4 118.2 400.8 309.4 218.0 169.4 135.0 105.6 88.9
Engineering Bulletin Mar 07
Rated Maximum Ripple Current Impedance (A rms) at ( m ) at 25 C, 100kHz 85 C, 20kHz
327.4 273.0 218.6 161.8 100.5 77.6 215.2 164.6 113.7 87.3 63.4 48.9 165.6 127.9 90.1 70.0 55.8 43.7 36.7 871.6 726.8 582.0 430.7 267.5 206.6 572.8 438.1 302.5 232.4 168.8 130.0 440.9 340.3 239.8 186.3 148.5 116.2 97.8 871.6 726.8 582.0 430.7 267.5 206.6 572.8 438.1 302.5 232.4 168.8 130.0 440.9 340.3 239.8 186.3 148.5 116.2 97.8 4.4 5.1 5.9 7.7 9.9 11.5 5.7 6.9 8.5 10.5 13.0 15.6 6.8 8.1 10.0 12.3 14.5 16.8 19.6 2.7 3.1 3.6 4.7 6.1 7.1 3.5 4.2 5.2 6.4 8.0 9.6 4.2 5.0 6.1 7.5 8.9 10.3 12.0 2.7 3.1 3.6 4.7 6.1 7.1 3.5 4.2 5.2 6.4 8.0 9.6 4.2 5.0 6.1 7.5 8.9 10.3 12.0
160 Volts
200 Volts Surge
120 180 220 390 470 680 150 270 330 560 680 820 220 391 560 820 1,000 1,200 1,500 68 120 150 220 330 390 100 180 220 330 470 560 150 270 330 470 680 820 1,000 47 68 100 150 180 270 68 120 150 220 330 390 100 150 220 330 390 560 680
E767161VGS121MT29C E767161VGS181MT35C E767161VGS221MT41C E767161VGS391MT54C E767161VGS471MT67C E767161VGS681MT79C E767161VGS151MP29C E767161VGS271MP35C E767161VGS331MP41C E767161VGS561MP54C E767161VGS681MP67C E767161VGS821MP79C E767161VGS221MQ29C E767161VGS391MQ35C E767161VGS561MQ41C E767161VGS821MQ54C E767161VGS102MQ67C E767161VGS122MQ79C E767161VGS152MQ92C E767201VGS680MT29C E767201VGS121MT35C E767201VGS151MT41C E767201VGS221MT54C E767201VGS331MT67C E767201VGS391MT79C E767201VGS101MP29C E767201VGS181MP35C E767201VGS221MP41C E767201VGS331MP54C E767201VGS471MP67C E767201VGS561MP79C E767201VGS151MQ29C E767201VGS271MQ35C E767201VGS331MQ41C E767201VGS471MQ54C E767201VGS681MQ67C E767201VGS821MQ79C E767201VGS102MQ92C E767251VGS470MT29C E767251VGS680MT35C E767251VGS101MT41C E767251VGS151MT54C E767251VGS181MT67C E767251VGS271MT79C E767251VGS680MP29C E767251VGS121MP35C E767251VGS151MP41C E767251VGS221MP54C E767251VGS331MP67C E767251VGS391MP79C E767251VGS101MQ29C E767251VGS151MQ35C E767251VGS221MQ41C E767251VGS331MQ54C E767251VGS391MQ67C E767251VGS561MQ79C E767251VGS681MQ92C
L ARGE TUBUL ARS 125 C
U767D
200 Volts
250 Volts Surge
250 Volts
300 Volts Surge
For terminal and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
8 /8
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com


▲Up To Search▲   

 
Price & Availability of E767630VGS102MP35C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X